Part Number Hot Search : 
39SF020 GBU808 MC79XXCT SFH221 SBL2030C CA3162AE CM250C TLP4227G
Product Description
Full Text Search
 

To Download 38720-7408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/23/2010 please check www.molex.com for latest part information part number: 0387207408 status: active description: 9.53mm (.375") pitch beau? pcb terminal strip, with mounting ends, 8 circuits, with screw clamp washer documents: 3d model product specification ps-38710-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 38720 application wire-to-board component type one piece product name fixed mount barrier type barrier strip physical circuits (loaded) 8 circuits (maximum) 8 color - resin black entry angle horizontal lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation horizontal pc tail length (in) 0.190 in pc tail length (mm) 4.80 mm pcb retention yes pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.18 mm panel mount no pitch - mating interface (in) 0.375 in pitch - mating interface (mm) 9.53 mm pitch - term. interface (in) 0.375 in pitch - term. interface (mm) 9.53 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part no shrouded dual-barrier stackable no surface mount compatible (smc) no temperature range - operating -40c to +130c wire size awg 12, 14, 16, 18, 20, 22 wire size mm2 0.50 - 2.50 electrical current - maximum per contact 25a voltage - maximum 300v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 38720 series mates with n/a
lead-free process capability wave capable (th only) material info old part number 72508-50 reference - drawing numbers product specification ps-38710-001 sales drawing sd-38720-001 this document was generated on 04/23/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 38720-7408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X